Part Number Hot Search : 
S9006K ER3461 224002 RX5VT AMP01FX ATA6824 34WECAK ECCM1
Product Description
Full Text Search
 

To Download BAT54S-200MA-SOT-23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot-23 plastic-encapsulate diodes bat54/a/c/s schottky barrier diode features z extremely fast switching speed maximum ratings ( t a =25 unless otherwise noted ) parameter symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 v forward continuous current i fm 200 ma non-repetitive peak forward surge current @ t 1s i fsm 600 ma repetitive peak forward current @ t 1s, ? 0.5 i frm 300 ma power dissipation p d 200 mw thermal resistance from junction to ambient r ja 500 /w junction temperature t j 125 storage temperature t stg -55~+150 electrical characteristics(t a =25 unless otherwise specified) parameter symbol min typ max unit test conditions reverse voltage v (br) 30 v i r =100 a forward voltage v f 0.24 v i f1 =0.1ma 0.32 v i f2 =1ma 0.40 v i f3 =10ma 0.50 v i f4 =30ma 1 v i f5 =100ma reverse current i r 2 a v r =25v diode capacitance c d 10 pf v r =1v,f=1mhz reverse recovery time t rr 5 ns i f =i r =10ma irr=0.1 i r ,r l =100 sot-23 c,mar,2014 dongguan nanjing electronics ltd., c,mar,2014
0 5 10 15 20 25 30 0 4 8 12 16 20 0 25 50 75 100 125 150 0 50 100 150 200 250 300 0 200 400 600 800 1000 0.01 0.1 1 10 100 1000 0 5 10 15 20 25 30 0.01 0.1 1 10 100 t a =25 f=1mhz capacitance characteristics reverse voltage v r (v) capacitance between terminals c t (pf) power derating curve power dissipation p d (mw) ambient temperature t a ( ) forward characteristics t a =10 0 o c t a = 2 5 o c forward current i f (ma) forward voltage v f (mv) reverse characteristics bat54/a/c/s typical characteristics t a =100 o c t a =25 o c reverse current i r (ua) reverse voltage v r (v) c,mar,2014


▲Up To Search▲   

 
Price & Availability of BAT54S-200MA-SOT-23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X